Part Number Hot Search : 
LB1695M BD25B DCJ010 NH1302A T121020 KSB1366 LB1665 PTB200
Product Description
Full Text Search
 

To Download NTE2974 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2974 MOSFET N-Channel, Enhancement Mode High Speed Switch
Features: D Low On-State Resistance: RDS(on) = 1.1 Max (VGS = 10V, ID = 3A) D Low Input Capacitance: Ciss = 1150pF Typ D High Avalanche Capability Ratings D Isolated TO220 Type Package Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Drain-to-Source Voltage, VDSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V Gate-to-Source Voltage, VGSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Drain Current, ID DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0A Pulse (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24A Total Power Dissipation, PT TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35W TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0W Single Avalanche Current (Note 2), IAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0A Single Avalanche Energy (Note 2), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mJ Channel Temperature, Tch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. PW 10s, Duty Cycle 1%. Note 2. Starting Tch = +25C, RG = 25, VGS = 20V 0. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Drain-to-Source On-State Resistance Gate-to-Source Cutoff Voltage Forward Transfer Admittance Drain Leakage Current Gate-to-Source Leakage Current Symbol RDS(on) VGS(off) |yfs| IDSS IGSS Test Conditions VGS = 10V, ID = 3A VDS = 10V, ID = 1mA VDS = 10V, ID = 3A VDS = 600V, VGS = 0 VGS = 30V, VDS = 0 Min - 2.5 2.0 - - Typ 0.8 - - - - Max 1.1 3.5 - 100 100 Unit V S A nA
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain Charge Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Symbol Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr IF = 6A, VGS = 0 IF = 6A, di/dt = 50A/s VGS = 10V, ID = 6A, VDD = 480V VGS = 10V, VDD = 150V, ID = 3A, RG = 10, RL = 37.5 Test Conditions VDS = 10V, VGS = 0, f = 1MHz Min - - - - - - - - - - - - - Typ 1150 260 60 15 15 75 13 40 6 20 1.0 370 1.5 Max - - - - - - - - - - - - - Unit pF pF pF ns ns ns ns nC nC nC V ns C
.420 (10.67) Max .110 (2.79) Isol .147 (3.75) Dia Max .500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max Gate .100 (2.54) Source Drain


▲Up To Search▲   

 
Price & Availability of NTE2974

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X